Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7801C-1A-F4 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7801C-1A-F4
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7801C-1A-F4 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7801C-1A-F4 Datasheet HTML 1Page - California Eastern Labs PS7801C-1A-F4 Datasheet HTML 2Page - California Eastern Labs PS7801C-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7801C-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7801C-1A-F4 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS7801C-1A
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/11/2005
NOTES ON HANDLING
Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220°C
60 seconds or less
• Time to preheat temperature from 120 to 180°C 120±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(2) Wave soldering
• Temperature
260°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120°C or below (package surface temperature)
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2
Wt% is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
220ºC
Time (s)
(heating)
to 10 s
to 60 s
260ºC MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180ºC
120ºC


Similar Part No. - PS7801C-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801C-1A-F3 NEC-PS7801C-1A-F3 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
PS7801C-1A-F3-A NEC-PS7801C-1A-F3-A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801C-1A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801C-1A NEC-PS7801C-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801 NEC-PS7801 Datasheet
157Kb / 7P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7802 NEC-PS7802 Datasheet
168Kb / 7P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com