Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200U-1A-F4 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS7200U-1A-F4
Description  NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200U-1A-F4 Datasheet(HTML) 8 Page - California Eastern Labs

  PS7200U-1A-F4 Datasheet HTML 1Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 2Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 3Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 4Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 5Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 6Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 7Page - California Eastern Labs PS7200U-1A-F4 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS7200U-1A
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
USAGE CAUTIONS
1. Protect against static electricity when handling.
2. Avoid storage at a high temperature and high humidity.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/11/2005


Similar Part No. - PS7200U-1A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
   4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200U-1A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
   4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com