Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200J-1A-E3 Datasheet(PDF) 1 Page - NEC

Part # PS7200J-1A-E3
Description  4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200J-1A-E3 Datasheet(HTML) 1 Page - NEC

  PS7200J-1A-E3 Datasheet HTML 1Page - NEC PS7200J-1A-E3 Datasheet HTML 2Page - NEC PS7200J-1A-E3 Datasheet HTML 3Page - NEC PS7200J-1A-E3 Datasheet HTML 4Page - NEC PS7200J-1A-E3 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4 PIN SOP LOW OUTPUT
CAPACITANCE SOLID STATE RELAY
PS7200J-1A
FEATURES
1 CHANNEL TYPE
1A output
LOW C X R
C X R = 15 pF •
LOW OUTPUT CAPACITANCE
COUT = 1.7 pF TYP
LOW OFF-STATE LEAKAGE CURRENT
ILOFF = 0.02 nA TYP
HIGH SPEED TURN-ON TIME
tON = 8
µs TYP
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
SMALL PACKAGE
4 pin SOP
HIGH ISOLATION VOLTAGE
BV = 1500 Vr.m.s.
LOW OFFSET VOLTAGE
AVAILABLE IN TAPE AND REEL
PS7200J-1A-E3, E4, F3, F4
DESCRIPTION
The PS7200J-1A is a low output capacitance solid state relay
containing a GaAs LED on the light emitting side (input side)
and MOSFETs on the output side.
It is suitable for high-frequency signal control, due to its low
C x R and low output capacitance. This device is not recom-
mended for new designs. It has been replaced by the PS7200R.
APPLICATIONS
MEASUREMENT EQUIPMENT
HIGH SPEED COMMUNICATIONS EQUIPMENT
PART NUMBER
PS7200J-1A
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5.0
ILOFF
Off-State Leakage Current, VD = 40 V
µA
3.0
COUT
Output Capacitance, V = 0 V, f = 1 MHz
pF
1.7
IFON
LED On-State Current, IL = 100 mA
mA
2
RON
On-State Resistance, IF = 10 mA, IL = 10 mA
8.5
15
IF = 10 mA, IL = 100 mA
8.5
15
tON
Turn-on Time, IF = 10 mA, VO = 5 V, PW
≥ 10 ms
ms
0.008
1.0
tOFF
Turn-off Time, IF = 10 mA, VO = 5 V, PW
≥ 10 ms
ms
0.3
100
RI-O
Isolation Resistance, VI-O = 1.0 kVDC
109
CI-O
Isolation Capacitance, V = 0 V, f = 1 MHz
pF
0.5
ELECTRICAL CHARACTERISTICS1 (TA = 25 °C)
PS7200J-1A
1
2
3
4
Note:
1. Turn-On, Turn-Off Time
Input
0
90%
50%
10%
VO = 5 V
Output
tON
tOFF
California Eastern Laboratories


Similar Part No. - PS7200J-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7200J-1A-E3 CEL-PS7200J-1A-E3 Datasheet
47Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
More results

Similar Description - PS7200J-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7200J-1A CEL-PS7200J-1A Datasheet
47Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com