Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200U-1A-E3 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7200U-1A-E3
Description  NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200U-1A-E3 Datasheet(HTML) 4 Page - California Eastern Labs

  PS7200U-1A-E3 Datasheet HTML 1Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 2Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 3Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 4Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 5Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 6Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 7Page - California Eastern Labs PS7200U-1A-E3 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS7200U-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25ºC)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.3
V
Reverse Current
IR
VR = 5 V
0.01
5.0
μ
A
MOS FET Off-state Leakage Current
ILoff
VD = 80 V
0.1
1.0
nA
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
2.3
3.5
pF
Coupled
LED On-state Current
IFon
IL = ±40 mA
2.0
mA
On-state Resistance
Ron
IF = 5 mA, IL = ±40 mA
17
25
Ω
Turn-on Time*1
ton
IF = 5 mA, VL = 5 V, RL = 500 Ω,
0.05
0.5
ms
Turn-off Time*1
toff
PW ≥ 0.5 ms
0.15
0.5
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
109
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.3
pF
*1 Test Circuit for Switching Time
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
VL
ton
toff
10%
90%
Input
0
Output
VO = 5 V
50%


Similar Part No. - PS7200U-1A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
   4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200U-1A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
   4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com