Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142L-1B-E3 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS7142L-1B-E3
Description  6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7142L-1B-E3 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS7142L-1B-E3 Datasheet HTML 3Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 4Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 5Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 6Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 7Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 8Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 9Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 10Page - California Eastern Labs PS7142L-1B-E3 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PS7142-1B,-2B,PS7142L-1B,-2B
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
Ambient Temperature TA (˚C)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
VO = 5 V
Ambient Temperature TA (˚C)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
100
0
–25
25
50
75
2.5
3.0
0.0
2.0
1.5
1.0
0.5
Remark The graphs indicate nominal characteristics.
Data Sheet PN10285EJ01V1DS
8


Similar Part No. - PS7142L-1B-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142L-1B-E3 CEL-PS7142L-1B-E3 Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7142L-1B-E3-A CEL-PS7142L-1B-E3-A Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7142L-1B-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com