Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141L-1C-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7141L-1C-A
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7141L-1C-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS7141L-1C-A Datasheet HTML 1Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 2Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 3Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 4Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 5Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 6Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 7Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 8Page - California Eastern Labs PS7141L-1C-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PS7141-1C,PS7141L-1C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
µA
MOS FET
Off-state Leakage
Current
ILoff
N.O.: IF = 0 mA, VD = 400 V
0.03
1.0
µA
N.C.: IF = 10 mA, VD = 400 V
Output Capacitance
Cout
N.O.: VD = 0 V, f = 1 MHz
65
pF/ch
N.C.: VD = 0 V, f = 1 MHz, IF = 10 mA
185
Coupled
LED On-state Current
IFon
N.O.: IL = 150 mA
2.0
mA
LED Off-state Current
IFoff
N.C.: IL = 150 mA
2.0
mA
On-state Resistance
Ron1
N.O.: IF = 10 mA, IL = 10 mA
20
30
N.C.: IF = 0 mA, IL = 10 mA
24
30
Ron2
N.O.: IF = 10 mA, IL = 150 mA, t
≤ 10
ms
16
25
N.C.: IF = 0 mA, IL = 150 mA, t
≤ 10 ms
16
25
Turn-on Time
*1
ton (N.O.)
IF = 10 mA, VO = 5 V, RL = 500
Ω,
0.33
1.0
ms
ton (N.C.)
PW
≥ 10 ms
0.02
0.2
Turn-off Time
*1
toff (N.O.)
0.03
0.2
toff (N.C.)
0.20
1.0
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF/ch
Data Sheet PN10280EJ01V1DS
5


Similar Part No. - PS7141L-1C-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141L-1C RENESAS-PS7141L-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7141L-1C-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2A CEL-PS7141-2A Datasheet
345Kb / 10P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
NEC
PS7241-1C NEC-PS7241-1C_1 Datasheet
103Kb / 13P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7122A-1C RENESAS-PS7122A-1C Datasheet
263Kb / 16P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7122A-1C NEC-PS7122A-1C Datasheet
74Kb / 12P
   8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-1C RENESAS-PS7241-1C Datasheet
258Kb / 15P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com