Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801-4-V-F4 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2801-4-V-F4
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2801-4-V-F4 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2801-4-V-F4 Datasheet HTML 2Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 3Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 4Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 5Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 6Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 7Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 8Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 9Page - California Eastern Labs PS2801-4-V-F4 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PS2801-1,PS2801-4
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = 25°C)
0
25
50
100
75
75
100
25
50
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2801-4
PS2801-1
0.6 mW/˚C
0.8 mW/˚C
PS2801-1
PS2801-4
1.2 mW/˚C
100
50
75
25
0
200
50
150
100
Ambient Temperature TA ( ˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
0˚C
–25˚C
–55˚C
TA = +100˚C
+60˚C
+25˚C
50
100
0.1
5
1
10
0.5
0.7
0.9
1.1
1.4
0.8
1.0
1.2
1.3
1.5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 5 mA
50
mA
10
mA
20
mA
70
0
50
60
30
40
10
20
4
28
61
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
100
10 000
1 000
10
1
–50
–25
0
100
25
50
75
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 80 V
40 V
24 V
10 V
5 V
IF = 1 mA
50 mA
20 mA
10 mA
5 mA
2 mA
1
10
40
5
0.5
0.1
0
0.2
1.0
0.4
0.6
0.8
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Remark The graphs indicate nominal characteristics.
Data Sheet PN10251EJ02V0DS
6


Similar Part No. - PS2801-4-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-4-V-F4 CEL-PS2801-4-V-F4 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-4-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com