Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2915-1-F3-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2915-1-F3-A
Description  HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2915-1-F3-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS2915-1-F3-A Datasheet HTML 1Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 2Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 3Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 4Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 5Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 6Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
Normalized to 1.0
at TA = 25°C,
IF = 1 mA, VCE = 5 V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100
500
400
300
200
100
0
0.1
1
10
100
VCE = 5 V,
n = 3
Sample A
B
C
IF = 1 mA,
VCC = 5 V,
CTR = 200 %
10000
1000
100
10
1
1k
10k
100k
1000k
toff
ton
ts
RL = 1 kΩ
100 Ω
300 Ω
0
-5
-10
-15
-20
-25
0.1
1
10
100
1000
1.2
1.0
0.8
0.6
0.4
0.2
0.0
10
102
103
104
105
106
IF
= 1 mA
TA = 25°C
60°C
Time (Hr)
Load Resistance, RL (Ω)
Frequency, f (kHz)
Forward Current, IF (mA)
Ambient Temperature, TA (°C)
NORMALIZED CURRENT TRANSFER RATIO
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO
vs. FORWARD CURRENT
SWITCHING TIME
vs. LOAD RESISTANCE
FREQUENCY RESPONSE
LONG TERM CTR DEGRADATION
Remark: The graphs indicate nominal characteristics.
PS2915-1


Similar Part No. - PS2915-1-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2915-1-F3-AX RENESAS-PS2915-1-F3-AX Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1-F3-AX RENESAS-PS2915-1-F3-AX Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2915-1-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com