Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC001329 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # EC001329
Description  Installation level terminal block - PTI 2,5-L/TG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button EC001329 Datasheet HTML 5Page - PHOENIX CONTACT EC001329 Datasheet HTML 6Page - PHOENIX CONTACT EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT EC001329 Datasheet HTML 10Page - PHOENIX CONTACT EC001329 Datasheet HTML 11Page - PHOENIX CONTACT EC001329 Datasheet HTML 12Page - PHOENIX CONTACT EC001329 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
https://www.phoenixcontact.com/us/products/3213961
21.11.2013   Page 9 / 19
Installation level terminal block - PTI 2,5-L/TG - 3213961
Accessories
Insulating sleeve - MPS-IH BK - 0201731
Insulating sleeve, Color: black
 
 
Insulation stop sleeve - ISH 2,5/0,2 - 3002843
Insulation stop sleeve, Color: white
 
 
Insulation stop sleeve - ISH 2,5/0,5 - 3002856
Insulation stop sleeve, Color: gray
 
 
Insulation stop sleeve - ISH 2,5/1,0 - 3002869
Insulation stop sleeve, Color: black
 
 
Labeled terminal marker
Zack marker strip - ZB 5 CUS - 0824962
Zack marker strip, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type: Snap into
tall marker groove, For terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 


Similar Part No. - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001329 PHOENIX-EC001329 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
EC001329 PHOENIX-EC001329 Datasheet
175Kb / 18P
   Installation level terminal block - PTI 2,5-L/LTB
EC001329 PHOENIX-EC001329 Datasheet
64Kb / 4P
   Mini feed-through terminal block - MPT 2,5 BU
EC001329 PHOENIX-EC001329 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
EC001329 PHOENIX-EC001329 Datasheet
175Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/LB
More results

Similar Description - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213960 PHOENIX-3213960 Datasheet
193Kb / 21P
   Installation level terminal block - PTI 2,5-PE/L/TG
3213951 PHOENIX-3213951 Datasheet
174Kb / 19P
   Installation level terminal block - PTI 2,5-L
3213953 PHOENIX-3213953 Datasheet
175Kb / 18P
   Installation level terminal block - PTI 2,5-L/L
3213954 PHOENIX-3213954 Datasheet
181Kb / 18P
   Installation level terminal block - PTI 2,5-L/N
3213956 PHOENIX-3213956 Datasheet
169Kb / 17P
   Installation level terminal block - PTI 2,5-L/NTB
3213958 PHOENIX-3213958 Datasheet
175Kb / 18P
   Installation level terminal block - PTI 2,5-L/LTB
3213955 PHOENIX-3213955 Datasheet
181Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/NTB
3213959 PHOENIX-3213959 Datasheet
175Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/LB
3213957 PHOENIX-3213957 Datasheet
176Kb / 18P
   Installation level terminal block - PTI 2,5-PE/L/LTB
3213952 PHOENIX-3213952 Datasheet
170Kb / 17P
   Installation level terminal block - PTI 2,5-N
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com