Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part No. EC001329
Description  Installation level terminal block - PTI 2,5-L/N
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button EC001329 Datasheet HTML 9Page - PHOENIX CONTACT EC001329 Datasheet HTML 10Page - PHOENIX CONTACT EC001329 Datasheet HTML 11Page - PHOENIX CONTACT EC001329 Datasheet HTML 12Page - PHOENIX CONTACT EC001329 Datasheet HTML 13Page - PHOENIX CONTACT EC001329 Datasheet HTML 14Page - PHOENIX CONTACT EC001329 Datasheet HTML 15Page - PHOENIX CONTACT EC001329 Datasheet HTML 16Page - PHOENIX CONTACT EC001329 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213954
21.11.2013   Page 13 / 18
Installation level terminal block - PTI 2,5-L/N - 3213954
Accessories
End cap - NS 35/ 7,5 CAP - 1206560
DIN rail end piece, for DIN rail NS 35/7.5
 
 
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length:
2000 mm
 
 
DIN rail - NS 35/15 UNPERF 2000MM - 1201714
DIN rail, material: Steel, unperforated, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 35/15 WH PERF 2000MM - 0806602
DIN rail 35 mm (NS 35)
 
 
DIN rail - NS 35/15 WH UNPERF 2000MM - 1204135
DIN rail 35 mm (NS 35)
 
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn