Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part No. EC001329
Description  Installation level terminal block - PTI 2,5-L/N
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT EC001329 Datasheet HTML 10Page - PHOENIX CONTACT EC001329 Datasheet HTML 11Page - PHOENIX CONTACT EC001329 Datasheet HTML 12Page - PHOENIX CONTACT EC001329 Datasheet HTML 13Page - PHOENIX CONTACT EC001329 Datasheet HTML 14Page - PHOENIX CONTACT EC001329 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213954
21.11.2013   Page 11 / 18
Installation level terminal block - PTI 2,5-L/N - 3213954
Accessories
Marker for terminal blocks - UC-TMF 5 CUS - 0824638
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into flat marker groove, For terminal block width: 5.2 mm, Lettering field: 4.6 x 5.1 mm
 
 
Marker for terminal blocks - UCT-TMF 5 CUS - 0829658
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into flat marker groove, For terminal block width: 5.2 mm, Lettering field: 4.4 x 4.7 mm
 
 
Mounting rail
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length:
2000 mm
 
 
DIN rail - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
DIN rail - NS 35/ 7,5 WH PERF 2000MM - 1204119
DIN rail 35 mm (NS 35)
 
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn