Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part No. EC001329
Description  Installation level terminal block - PTI 2,5-L/N
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button EC001329 Datasheet HTML 6Page - PHOENIX CONTACT EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT EC001329 Datasheet HTML 10Page - PHOENIX CONTACT EC001329 Datasheet HTML 11Page - PHOENIX CONTACT EC001329 Datasheet HTML 12Page - PHOENIX CONTACT EC001329 Datasheet HTML 13Page - PHOENIX CONTACT EC001329 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213954
21.11.2013   Page 10 / 18
Installation level terminal block - PTI 2,5-L/N - 3213954
Accessories
Insulation stop sleeve - ISH 2,5/1,0 - 3002869
Insulation stop sleeve, Color: black
 
 
Labeled terminal marker
Zack marker strip - ZB 5 CUS - 0824962
Zack marker strip, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type: Snap into
tall marker groove, For terminal block width: 5.2 mm, Lettering field: 5.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 5 CUS - 0824581
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into tall marker groove, For terminal block width: 5.2 mm, Lettering field: 10.5 x 4.6 mm
 
 
Marker for terminal blocks - UCT-TM 5 CUS - 0829595
Marker for terminal blocks, Can be ordered: By sheet, white, Labeled according to customer specifications, Mounting
type: Snap into tall marker groove, Lettering field: 4.6 x 10.5 mm
 
 
Zack Marker strip, flat - ZBF 5 CUS - 0825025
Zack Marker strip, flat, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type: Snap
into flat marker groove, For terminal block width: 5 mm, Lettering field: 5.15 x 5.15 mm
 
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn