Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. EC001329
Description  Installation level terminal block - PTI 2,5-L/N
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC001329 Datasheet HTML 1Page - PHOENIX CONTACT EC001329 Datasheet HTML 2Page - PHOENIX CONTACT EC001329 Datasheet HTML 3Page - PHOENIX CONTACT EC001329 Datasheet HTML 4Page - PHOENIX CONTACT EC001329 Datasheet HTML 5Page - PHOENIX CONTACT EC001329 Datasheet HTML 6Page - PHOENIX CONTACT EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213954
21.11.2013   Page 1 / 18
Installation level terminal block - PTI 2,5-L/N - 3213954
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Installation level terminal block, Push-in connection, Cross section:  0.14 mm² - 4 mm², AWG: 26 - 12, Width: 5.2
mm, Color: gray, Mounting type: NS 35/7,5, NS 35/15
Product Features
 The terminal blocks with knife disconnect zone in the upper level meet the safety requirement regarding individual circuit isolation of DIN VDE
0100-718
Key commercial data
Packing unit
1 PCE
Minimum order quantity
50 PCE
Weight per Piece (excluding packing)
15.2 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Note
Assembly instructions:
For secure fastening of the neutral busbar, supports must be set at the
beginning and end of each terminal strip as well as every 20 cm on longer
terminal strips.
Number of levels
3
Number of connections
4
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
30 A (with 4 mm² conductor cross section and 3-pos. terminal block)
24 A (with 2.5 mm² conductor cross section)
Rated surge voltage
4 kV
6 kV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn