Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EC001329 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part No. EC001329
Description  Installation level terminal block - PTI 2,5-L/N
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button EC001329 Datasheet HTML 3Page - PHOENIX CONTACT EC001329 Datasheet HTML 4Page - PHOENIX CONTACT EC001329 Datasheet HTML 5Page - PHOENIX CONTACT EC001329 Datasheet HTML 6Page - PHOENIX CONTACT EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT EC001329 Datasheet HTML 10Page - PHOENIX CONTACT EC001329 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213954
21.11.2013   Page 7 / 18
Installation level terminal block - PTI 2,5-L/N - 3213954
Accessories
End clamp - CLIPFIX 35-5 - 3022276
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, with parking option for
FBS...5, FBS...6, KSS 5, KSS 6, width: 5.15 mm, color: gray
 
 
End clamp - E/NS 35 N - 0800886
End clamp, width: 9.5 mm, color: gray
 
 
End cover
End cover - D-PTI/3 - 3213975
End cover, Length: 101 mm, Width: 2.2 mm, Height: 48.2 mm, Color: gray
 
 
Spacer plate - DP PS-5 - 3036725
Spacer plate, Color: red
 
 
Installation terminal block
Connection terminal block - AKG 16 BU - 0423014
Connection terminal block, Connection method Screw connection, Load current : 76 A, Cross section:  1.5 mm² - 16 mm²,
Width: 9.8 mm, Color: blue
 
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn