Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC001329 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # EC001329
Description  Installation level terminal block - PTI 2,5-L/L
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001329 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  EC001329 Datasheet HTML 1Page - PHOENIX CONTACT EC001329 Datasheet HTML 2Page - PHOENIX CONTACT EC001329 Datasheet HTML 3Page - PHOENIX CONTACT EC001329 Datasheet HTML 4Page - PHOENIX CONTACT EC001329 Datasheet HTML 5Page - PHOENIX CONTACT EC001329 Datasheet HTML 6Page - PHOENIX CONTACT EC001329 Datasheet HTML 7Page - PHOENIX CONTACT EC001329 Datasheet HTML 8Page - PHOENIX CONTACT EC001329 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
https://www.phoenixcontact.com/us/products/3213953
21.11.2013   Page 4 / 18
Installation level terminal block - PTI 2,5-L/L - 3213953
Approvals
cUL Recognized 
 
 
B
C
D
mm²/AWG/kcmil
26-12
26-12
26-12
Nominal current IN
20 A
20 A
10 A
Nominal voltage UN
300 V
150 V
300 V
VDE Zeichengenehmigung 
 
 
mm²/AWG/kcmil
0.2-4
Nominal current IN
24 A
Nominal voltage UN
400 V
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.2-4
Nominal current IN
24 A
Nominal voltage UN
400 V
GOST 
GL 
cULus Recognized 
Accessories
Accessories
Bridge


Similar Part No. - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001329 PHOENIX-EC001329 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
EC001329 PHOENIX-EC001329 Datasheet
175Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/LB
EC001329 PHOENIX-EC001329 Datasheet
64Kb / 4P
   Mini feed-through terminal block - MPT 2,5 BU
EC001329 PHOENIX-EC001329 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
EC001329 PHOENIX-EC001329 Datasheet
193Kb / 21P
   Installation level terminal block - PTI 2,5-PE/L/TG
More results

Similar Description - EC001329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213951 PHOENIX-3213951 Datasheet
174Kb / 19P
   Installation level terminal block - PTI 2,5-L
3213954 PHOENIX-3213954 Datasheet
181Kb / 18P
   Installation level terminal block - PTI 2,5-L/N
3213961 PHOENIX-3213961 Datasheet
189Kb / 19P
   Installation level terminal block - PTI 2,5-L/TG
3213956 PHOENIX-3213956 Datasheet
169Kb / 17P
   Installation level terminal block - PTI 2,5-L/NTB
3213958 PHOENIX-3213958 Datasheet
175Kb / 18P
   Installation level terminal block - PTI 2,5-L/LTB
3213955 PHOENIX-3213955 Datasheet
181Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/NTB
3213959 PHOENIX-3213959 Datasheet
175Kb / 19P
   Installation level terminal block - PTI 2,5-PE/L/LB
3213949 PHOENIX-3213949 Datasheet
92Kb / 7P
   Installation ground terminal block - PTI 2,5-PE/L/L
3213957 PHOENIX-3213957 Datasheet
176Kb / 18P
   Installation level terminal block - PTI 2,5-PE/L/LTB
3213960 PHOENIX-3213960 Datasheet
193Kb / 21P
   Installation level terminal block - PTI 2,5-PE/L/TG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com