Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2865-1 Datasheet(PDF) 5 Page - California Eastern Labs

Part No. PS2865-1
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo CEL - California Eastern Labs

PS2865-1 Datasheet(HTML) 5 Page - California Eastern Labs

  PS2865-1 Datasheet HTML 1Page - California Eastern Labs PS2865-1 Datasheet HTML 2Page - California Eastern Labs PS2865-1 Datasheet HTML 3Page - California Eastern Labs PS2865-1 Datasheet HTML 4Page - California Eastern Labs PS2865-1 Datasheet HTML 5Page - California Eastern Labs PS2865-1 Datasheet HTML 6Page - California Eastern Labs PS2865-1 Datasheet HTML 7Page - California Eastern Labs PS2865-1 Datasheet HTML 8Page - California Eastern Labs PS2865-1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PS2865-1
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA ( ˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
210
150
180
60
90
120
30
25
50
75
100
0
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0 ˚C
–25 ˚C
–50 ˚C
68
4
2
01
35
30
20
25
15
5
10
0
10 mA
5 mA
–25
0
25
50
75
100
1
10
100
1 000
10 000
VCE = 20 V
40 V
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
2 mA
5 mA
10 mA
IF = 1mA
IF = 25 mA
20 mA
15 mA
100
40
60
80
20
0
25
50
75
100
+60 ˚C
+25 ˚C
TA = +100 ˚C
Data Sheet PN10259EJ01V0DS
5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn