Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2865-1 Datasheet(PDF) 3 Page - California Eastern Labs

Part No. PS2865-1
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo CEL - California Eastern Labs

PS2865-1 Datasheet(HTML) 3 Page - California Eastern Labs

  PS2865-1 Datasheet HTML 1Page - California Eastern Labs PS2865-1 Datasheet HTML 2Page - California Eastern Labs PS2865-1 Datasheet HTML 3Page - California Eastern Labs PS2865-1 Datasheet HTML 4Page - California Eastern Labs PS2865-1 Datasheet HTML 5Page - California Eastern Labs PS2865-1 Datasheet HTML 6Page - California Eastern Labs PS2865-1 Datasheet HTML 7Page - California Eastern Labs PS2865-1 Datasheet HTML 8Page - California Eastern Labs PS2865-1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PS2865-1
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Packing Style
Application Part Number
*1
PS2865-1
4-pin SOP
50 pcs (Tape 50 pcs cut)
PS2865-1
PS2865-1-F3
Embossed Tape 3 500 pcs/reel
PS2865-1-F4
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS2865-1-A
4-pin SOP
50 pcs (Tape 50 pcs cut)
PS2865-1
PS2865-1-F3-A
Embossed Tape 3 500 pcs/reel
PS2865-1-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
± 50
mA
Power Dissipation
PD
60
mW
Peak Forward Current
*1
IFP
± 1.0
A
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
40
mA
Power Dissipation Derating
PC/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output
Data Sheet PN10259EJ01V0DS
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn