Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC10H644 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC10H644
Description  68030/040 PECL-TTL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10H644 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H644 MC100H644
2–3
MOTOROLA
MECL Data
DL122 — Rev 6
DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Power Supply Current
ECL
65
65
65
mA
VE Pin
ICC
TTL
85
85
85
mA
Total all VT pins
TTL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
IIH
Input HIGH Current
20
100
20
100
20
100
µA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
–0.6
–0.6
–0.6
mA
VIN = 0.5 V
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = –3.0 mA
IOH = –24 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –18 mA
IOS
Output Short Circuit Current
–100
–225
–100
–225
–100
–225
mA
VOUT = 0 V
10H PECL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
175
0.5
175
µA
VIH*
VIL*
Input HIGH Voltage
Input LOW Voltage
3.83
3.05
4.16
3.52
3.87
3.05
4.19
3.52
3.94
3.05
4.28
3.55
V
VE = 5.0 V
VBB*
Output Reference Voltage
3.62
3.73
3.65
3.75
3.69
3.81
V
VE = 5.0 V
100H PECL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
175
0.5
175
µA
VIH*
VIL*
Input HIGH Voltage
Input LOW Voltage
3.835
3.19
4.12
3.525
3.835
3.19
4.12
3.525
3.835
3.19
4.12
3.525
V
VE = 5.0 V
VBB*
Output Reference Voltage
3.62
3.74
3.62
3.74
3.62
3.74
V
VE = 5.0 V
* NOTE: PECL levels are referenced to VCC and will vary 1:1 with the power supply. The values shown are for VCC = 5.0 V.
Only corresponds to ECL Clock Inputs.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn