Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC10H644 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC10H644
Description  68030/040 PECL-TTL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC10H644 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
÷4
VBB
TTL OUTPUTS
Q5
Q4
Q3
Q2
Q1
Q0
÷2
2:1 MUX
DE
(ECL)
DE
(ECL)
DT
(TTL)
SEL
(TTL)
R
(TTL)
LOGIC DIAGRAM
MC10H644 MC100H644
MOTOROLA
MECL Data
DL122 — Rev 6
2–2
PIN NAMES
PIN
FUNCTION
GT
VT
VE
GE
DE, DE
VBB
DT
Qn, Qn
SEL
R
TTL Ground (0V)
TTL VCC (+5.0V)
ECL VCC (+5.0V)
ECL Ground (0V)
ECL Signal Input (positive ECL)
VBB Reference Output
TTL Signal Input
Signal Outputs (TTL)
Input Select (TTL)
Reset (TTL)
AC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay ECL
D to Output
All Outputs
5.8
6.8
5.7
6.7
6.1
7.1
ns
CL = 50pF
tPLH
Propagation Delay TTL
D to Output
5.7
6.7
5.7
6.7
6.0
7.0
ns
CL = 50pF
tskwd*
Within–Device Skew
Q0, 1, 4, 5
0.5
0.5
0.5
ns
CL = 50pF
tskwd*
Within–Device Skew
Q2, Q3
0.5
0.5
0.5
ns
CL = 50pF
tskwd*
Within–Device Skew
All Outputs
1.5
1.5
1.5
ns
CL = 50pF
tskp–p*
Part–to–Part Skew
Q0, 1, 4, 5
1.0
1.0
1.0
ns
CL = 50pF
tPD
Propagation Delay
R to Output
All Outputs
4.3
7.3
4.3
7.3
4.5
7.5
ns
CL = 50pF
tR
tF
Output Rise/Fall Time
0.8V – 2.0V
All Outputs
1.6
1.6
1.6
ns
CL = 50pF
fmax
Maximum Input Frequency
135
135
135
MHz
CL = 50pF
TW
Minimum Pulse Width Reset
1.5
1.5
1.5
ns
trr
Reset Recovery Time
1.25
1.25
1.25
ns
TPW
Pulse Width Out High or
Low @ fin = 100 MHz
and CL = 50 pf
Q0, 1
9.5
10.5
9.5
10.5
9.5
10.5
ns
CL = 50pf
Relative 1.5V
TS
Setup Time
SEL to DE, DT
2.0
2.0
2.0
ns
TH
Hold Time
SEL to DE, DT
2.0
2.0
2.0
ns
* Skews are specified for Identical Edges


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn