Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS710EL-1A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS710EL-1A
Description  6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS710EL-1A Datasheet(HTML) 5 Page - California Eastern Labs

  PS710EL-1A Datasheet HTML 1Page - California Eastern Labs PS710EL-1A Datasheet HTML 2Page - California Eastern Labs PS710EL-1A Datasheet HTML 3Page - California Eastern Labs PS710EL-1A Datasheet HTML 4Page - California Eastern Labs PS710EL-1A Datasheet HTML 5Page - California Eastern Labs PS710EL-1A Datasheet HTML 6Page - California Eastern Labs PS710EL-1A Datasheet HTML 7Page - California Eastern Labs PS710EL-1A Datasheet HTML 8Page - California Eastern Labs PS710EL-1A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PS710E-1A,PS710EL-1A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Load Voltage
VL
80
V
Continuous
Connection A
IL
2.0
A
Load Current
*2
Connection B
3.0
Connection C
4.0
Pulse Load Current
*3
(AC/DC Connection)
ILP
4.0
A
Power Dissipation
PD
600
mW
Isolation Voltage
*4
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
650
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 Conditions: IF
≥ 2 mA. The following types of load connections are available.
Connection A
VL (AC/DC)
1
6
25
4
3
IL
L
Connection B
Connection C
1
6
2
5
4
3
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
L
VL (DC)
+
IL + IL
*3 PW = 100 ms, 1 shot
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Data Sheet PN10127EJ01V0DS
5


Similar Part No. - PS710EL-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS710EL-1A NEC-PS710EL-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710EL-1A RENESAS-PS710EL-1A Datasheet
315Kb / 16P
   6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS710EL-1A-A NEC-PS710EL-1A-A Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710EL-1A-E3 NEC-PS710EL-1A-E3 Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710EL-1A-E3-A NEC-PS710EL-1A-E3-A Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results

Similar Description - PS710EL-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS710E-1A NEC-PS710E-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710E-1A RENESAS-PS710E-1A Datasheet
315Kb / 16P
   6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS710A-1A NEC-PS710A-1A Datasheet
76Kb / 7P
   6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710B-1A CEL-PS710B-1A Datasheet
347Kb / 12P
   6-PIN DIP, 0.05 ohm LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS710B-1A NEC-PS710B-1A Datasheet
105Kb / 14P
   6-PIN DIP, 0.05 廓 LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710A-1A RENESAS-PS710A-1A Datasheet
257Kb / 16P
   6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710B-1A RENESAS-PS710B-1A Datasheet
316Kb / 16P
   6-PIN DIP, 0.05 Ω LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com