Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8571SC346D-BA Datasheet(PDF) 10 Page - California Eastern Labs

Part # NX8571SC346D-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC346D-BA Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NX8571SC346D-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 9Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 10Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 11Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 12Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 13Page - California Eastern Labs NX8571SC346D-BA Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (6/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
933D
921
1592.10
188.30
Negative
925
1592.52
188.25
Positive
929
1592.94
188.20
Negative
933
1593.36
188.15
Positive
950D
937
1593.79
188.10
Negative
942
1594.21
188.05
Positive
946
1594.64
188.00
Negative
950
1595.06
187.95
Positive
967D
954
1595.48
187.90
Negative
959
1595.91
187.85
Positive
963
1596.33
187.80
Negative
967
1596.76
187.75
Positive
984D
971
1597.18
187.70
Negative
976
1597.61
187.65
Positive
980
1598.04
187.60
Negative
984
1598.46
187.55
Positive
6001D
988
1598.89
187.50
Negative
993
1599.32
187.45
Positive
997
1599.74
187.40
Negative
6001
1600.17
187.35
Positive
6018D
6006
1600.60
187.30
Negative
6010
1601.02
187.25
Positive
6014
1601.45
187.20
Negative
6018
1601.88
187.15
Positive
6035D
6023
1602.31
187.10
Negative
6027
1602.74
187.05
Positive
6031
1603.16
187.00
Negative
6035
1603.59
186.95
Positive
6053D
6040
1604.02
186.90
Negative
6044
1604.45
186.85
Positive
6048
1604.88
186.80
Negative
6053
1605.31
186.75
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
10


Similar Part No. - NX8571SC346D-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC346D-BA RENESAS-NX8571SC346D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC346D-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com