Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8570 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8570
Description  1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8570 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button NX8570 Datasheet HTML 2Page - California Eastern Labs NX8570 Datasheet HTML 3Page - California Eastern Labs NX8570 Datasheet HTML 4Page - California Eastern Labs NX8570 Datasheet HTML 5Page - California Eastern Labs NX8570 Datasheet HTML 6Page - California Eastern Labs NX8570 Datasheet HTML 7Page - California Eastern Labs NX8570 Datasheet HTML 8Page - California Eastern Labs NX8570 Datasheet HTML 9Page - California Eastern Labs NX8570 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NX8570 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (2/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
409D
397
1539.76
194.70
Negative
401
1540.16
194.65
Positive
405
1540.55
194.60
Negative
409
1540.95
194.55
Positive
425D
413
1541.34
194.50
Negative
417
1541.74
194.45
Positive
421
1542.14
194.40
Negative
425
1542.53
194.35
Positive
441D
429
1542.93
194.30
Negative
433
1543.33
194.25
Positive
437
1543.73
194.20
Negative
441
1544.12
194.15
Positive
457D
445
1544.52
194.10
Negative
449
1544.92
194.05
Positive
453
1545.32
194.00
Negative
457
1545.72
193.95
Positive
473D
461
1546.11
193.90
Negative
465
1546.51
193.85
Positive
469
1546.91
193.80
Negative
473
1547.31
193.75
Positive
489D
477
1547.71
193.70
Negative
481
1548.11
193.65
Positive
485
1548.51
193.60
Negative
489
1548.91
193.55
Positive
505D
493
1549.31
193.50
Negative
497
1549.71
193.45
Positive
501
1550.11
193.40
Negative
505
1550.51
193.35
Positive
521D
509
1550.91
193.30
Negative
513
1551.31
193.25
Positive
517
1551.72
193.20
Negative
521
1552.12
193.15
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10135EJ03V0DS
6


Similar Part No. - NX8570

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8570 RENESAS-NX8570 Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC303-BA RENESAS-NX8570SC303-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC307-BA RENESAS-NX8570SC307-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC311-BA RENESAS-NX8570SC311-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC315-BA RENESAS-NX8570SC315-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8570

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
   1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com