Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX7529BB-AA Datasheet(PDF) 1 Page - California Eastern Labs

Part No. NX7529BB-AA
Description  NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7529BB-AA Datasheet(HTML) 1 Page - California Eastern Labs

  NX7529BB-AA Datasheet HTML 1Page - California Eastern Labs NX7529BB-AA Datasheet HTML 2Page - California Eastern Labs NX7529BB-AA Datasheet HTML 3Page - California Eastern Labs NX7529BB-AA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC's 1550 nm InGaAsP MQW FP
PULSED LASER DIODE
IN COAXIAL PACKAGE
FOR OTDR APPLICATION (20 mW MIN)
NX7529BB-AA
FEATURES
• HIGH OUTPUT POWER:
Pf = 40 mW at IFP = 400 mA,
Pulse Conditions: Pulse width (PW) = 10 µs, Duty = 1%.
• LONG WAVELENGTH:
λC = 1550 nm
NEC's NX7529BB-AA is a 1550 nm Multiple Quantum Well
(MQW) structured Fabry-Perot (FP) laser diode coaxial mod-
ule with single mode fiber. This module is specified to operate
under pulsed conditions and is designed for a light source of
Optical Time Domain Reflectometer(OTDR).
DESCRIPTION
PART NUMBER
NX7529BB-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VFP
Forward Voltage, IFP = 400 mA, PW = 10 µs,
V
2.5
4.0
Duty = 1%
ITH
Threshold Current
mA
40
50
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
20
40
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1530
1550
1570
Duty = 1%, RMS (-20 dB)
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
nm
6.0
10.0
Duty = 1%, RMS (-20 dB)
tr
Rise Time, 10-90%
ns
1.0
tf
Fall Time, 90-10%
ns
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
PART NUMBER
NX7529BB-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Ith
Threshold Current
mA
75
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
10
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1520
1585
Duty = 1%, RMS (-20 dB)
∆λ/∆T
Temperature Dependency of Center Wavelength
nm/°C
0.35
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
nm
10
Duty = 1%, RMS (-20 dB)
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60°C)
California Eastern Laboratories


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NX7528BF-AA NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 60 mW MIN 1  2  3  4  California Eastern Labs
NX7526BF-AA NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 95 mW MIN 1  2  3  California Eastern Labs
NX7527BF-AA NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 120 mW MIN 1  2  3  4  California Eastern Labs
NX7327BF-AA NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 110 mW MIN 1  2  3  4  California Eastern Labs
NX7561JB-BC NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION 135 mW MIN 1  2  3  4  California Eastern Labs
NX7328BF-AA NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 70mW MIN 1  2  3  4  California Eastern Labs
NX7661JB-BC NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION 120 mW MIN 1  2  3  4  California Eastern Labs
NX7329BB-AA NECs 1310 nm InGaAsP MQW FP PULSED LADER DIODE IN COAXIAL PACKAGE FOR ITDR APPLICATION 25 mW MIN 1  2  3  4  California Eastern Labs
NX7361JB-BC NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION 150 mW MIN 1  2  3  4  California Eastern Labs
NX8303BG-CC NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION 1  2  3  4  California Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn