Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H642 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H642
Description  68030/040 PECL-TTL CLOCK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H642 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H642 Datasheet HTML 1Page - ON Semiconductor MC10H642 Datasheet HTML 2Page - ON Semiconductor MC10H642 Datasheet HTML 3Page - ON Semiconductor MC10H642 Datasheet HTML 4Page - ON Semiconductor MC10H642 Datasheet HTML 5Page - ON Semiconductor MC10H642 Datasheet HTML 6Page - ON Semiconductor MC10H642 Datasheet HTML 7Page - ON Semiconductor MC10H642 Datasheet HTML 8Page - ON Semiconductor MC10H642 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10H642 MC100H642
MOTOROLA
MECL Data
DL122 — Rev 6
2–2
LOGIC DIAGRAM
TTL/ECL Clock Inputs
TTL Control Inputs
TTL Outputs
VBB
DE
DE
DT
SEL
R
÷4
÷2
MUX
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
PIN NAMES
Pin
Symbol
Description
Pin
Symbol
Description
81
82
83
84
85
86
87
88
89
10
11
12
13
14
Q3
VT
VT
Q4
Q5
GT
GT
Q6
Q7
VT
SEL
DT
GE
R
Signal Output (TTL)**
TTL VCC (+5.0V)
TTL VCC (+5.0V)
Signal Output (TTL)**
Signal Output (TTL)**
TTL Ground (0V)
TTL Ground (0V)
Signal Output (TTL)**
Signal Output (TTL)**
TTL VCC (+5.0V)
Input Select (TTL)
TTL Signal Input
ECL Ground (0V)
Reset (TTL)
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VE
DE
DE
VBB
VT
Q0
GT
GT
Q1
VT
VT
Q2
GT
GT
ECL VCC (+5.0V)
ECL Signal Input (Non–Inverting)
ECL Signal Input (Inverting)
VBB Reference Output
TTL VCC (+5.0V)
Signal Output (TTL)*
TTL Ground (0V)
TTL Ground (0V)
Signal Output (TTL)*
TTL VCC (+5.0V)
TTL VCC (+5.0V)
Signal Output (TTL)**
TTL Ground (0V)
TTL Ground (0V)
**Divide by 2
**Divide by 4


Similar Part No. - MC10H642

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H642 ONSEMI-MC10H642 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FN ONSEMI-MC10H642FN Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNG ONSEMI-MC10H642FNG Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNR2 ONSEMI-MC10H642FNR2 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H642FNR2G ONSEMI-MC10H642FNR2G Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

Similar Description - MC10H642

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com