Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7328BF-AA Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX7328BF-AA
Description  NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (70mW MIN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7328BF-AA Datasheet(HTML) 3 Page - California Eastern Labs

  NX7328BF-AA Datasheet HTML 1Page - California Eastern Labs NX7328BF-AA Datasheet HTML 2Page - California Eastern Labs NX7328BF-AA Datasheet HTML 3Page - California Eastern Labs NX7328BF-AA Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX7328BF-AA
OUTLINE DIMENSIONS (Units in mm)
PIN CONNECTIONS
PARAMETER
UNIT SPECIFICATION
Mode Field Diameter
µm
9.3±0.5
Cladding Diameter
µm
125±2
Maximum Cladding Noncircularity
%
2
Maximum Core/Cladding Concentricity
%
1.6
Outer Diameter
mm
0.9±0.1
Cut-off Wavelength
nm
1140 to 1280
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1000 MIN
OPTICAL FIBER CHARACTERISTICS
2
4
φ7
Optical Fiber
SM-9/125
Length: 1 m
2
−φ2.2
φ0.45
φ0.9
φ6
P.C.D. =
φ2
27.4
20
12.7
17.0
CASE
LD
1
2
43
1 2
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
Ferrule
Fiber Length: 1000 mm MIN
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
03/03/2003


Similar Part No. - NX7328BF-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7328BF-AA RENESAS-NX7328BF-AA Datasheet
213Kb / 10P
   LASER DIODE
2001
More results

Similar Description - NX7328BF-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7327BF-AA CEL-NX7327BF-AA Datasheet
184Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (110 mW MIN)
NX7526BF-AA CEL-NX7526BF-AA Datasheet
184Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (95 mW MIN)
NX7528BF-AA CEL-NX7528BF-AA Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7527BF-AA CEL-NX7527BF-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
NX7361JB-BC CEL-NX7361JB-BC Datasheet
180Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (150 mW MIN)
NX7661JB-BC CEL-NX7661JB-BC Datasheet
179Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7329BB-AA CEL-NX7329BB-AA Datasheet
191Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LADER DIODE IN COAXIAL PACKAGE FOR ITDR APPLICATION (25 mW MIN)
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com