Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7315UA Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX7315UA
Description  NECs 1310 nm InGaAsP MQW FP TOSA FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7315UA Datasheet(HTML) 4 Page - California Eastern Labs

  NX7315UA Datasheet HTML 1Page - California Eastern Labs NX7315UA Datasheet HTML 2Page - California Eastern Labs NX7315UA Datasheet HTML 3Page - California Eastern Labs NX7315UA Datasheet HTML 4Page - California Eastern Labs NX7315UA Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OUTLINE DIMENSIONS (Units in mm)
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
06/17/2003
NX7315UA
OPTICAL
REFERENCE
PLANE
1 (CASE)
PIN CONNECTIONS
BOTTOM VIEW
1
4
3
2
4
3
2
LD
PD
4.75±0.1
3.4
2.92
4– 0.3
P.C.D
1.43
3.8
ORDERING INFORMATION
PART NUMBER
PACKAGE
PIN CONNECTION
NX7315UA-AZ*
Ø3.8 mm TOSA
1
4
3
2
LD
PD
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation.


Similar Part No. - NX7315UA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7315UA RENESAS-NX7315UA Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX7315UA-AZ CEL-NX7315UA-AZ Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - NX7315UA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5307 CEL-NX5307 Datasheet
460Kb / 8P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION
NX8312UD CEL-NX8312UD Datasheet
328Kb / 5P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR SHORT HAUL 2.5 Gb/s APPLICATION
NX7313UA CEL-NX7313UA Datasheet
193Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR GIGABIT ETHERNET APPLICATION
NX7314UA CEL-NX7314UA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR LONG HAUL 155 Mb/s APPLICATION
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
   NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
   NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX8310UA CEL-NX8310UA Datasheet
176Kb / 3P
   NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com