Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6509 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX6509
Description  NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR LONG HAUL 2.5 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6509 Datasheet(HTML) 1 Page - California Eastern Labs

  NX6509 Datasheet HTML 1Page - California Eastern Labs NX6509 Datasheet HTML 2Page - California Eastern Labs NX6509 Datasheet HTML 3Page - California Eastern Labs NX6509 Datasheet HTML 4Page - California Eastern Labs NX6509 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NEC's 1550 nm InGaAsP MQW-DFB
LASER DIODE IN CAN PACKAGE
FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX6509
Series
FEATURES
• OPTICAL OUTPUT POWER:
Po = 5.0 mW
• LOW THRESHOLD CURRENT:
Ith = 10 mA
• HIGH SPEED:
tr = 100 ps MAX.
tf = 150 ps MAX.
• WIDE OPERATING TEMPERATURE RANGE:
TC = −20 to +85°C
• INGAAS MONITOR PIN-PD
• CAN PACKAGE:
φ
5.6 mm
• FIBER COUPLING POINT:
7.5±1.0 mm
NEC's NX6509 Series is a 1550 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode
with InGaAs monitor PIN-PD.
These devices are designed for 2.5 Gb/s: STM-16 (L-16.2)
application and ideal for Synchronous Digital Hierarchy
(SDH) system.
DESCRIPTION
California Eastern Laboratories
PRELIMINARY DATA SHEET


Similar Part No. - NX6509

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6509 RENESAS-NX6509 Datasheet
254Kb / 10P
   LASER DIODE
2004
NX6509GH RENESAS-NX6509GH Datasheet
254Kb / 10P
   LASER DIODE
2004
NX6509GK RENESAS-NX6509GK Datasheet
254Kb / 10P
   LASER DIODE
2004
More results

Similar Description - NX6509

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8511UD CEL-NX8511UD Datasheet
137Kb / 3P
   NECs 1550 nm InGaAsP MQW-DFB TOSA FOR LONG HAUL 2.5 Gb/s APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8311UD CEL-NX8311UD Datasheet
459Kb / 9P
   1310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com