Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6406 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX6406
Description  NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6406 Datasheet(HTML) 4 Page - California Eastern Labs

  NX6406 Datasheet HTML 1Page - California Eastern Labs NX6406 Datasheet HTML 2Page - California Eastern Labs NX6406 Datasheet HTML 3Page - California Eastern Labs NX6406 Datasheet HTML 4Page - California Eastern Labs NX6406 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NX6406 SERIES
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
2.0
mA
Reverse Voltage of PD
VR
15
V
Operating Case Temperature
TC
20 to +85
°
C
Storage Temperature
Tstg
40 to +85
°
C
Assembly Temperature
Tasb
150 (15 Hr)
°
C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°
C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = -25°C to +85°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Optical Output Power
Po
CW
5.0
mW
Operating Voltage
Vop
Po = 5.0 mW
1.1
1.6
V
Threshold Current
Ith
TC = 25°C
10
20
mA
50
Differential Efficiency
ηd
Po = 5.0 mW, TC = 25°C
0.18
0.3
W/A
Po = 5.0 mW
0.10
Temperature Dependence of
Differential Efficiency
Δηd
Δηd
= 10 log
3.0
1.6
dB
Peak Emission Wavelength
λp
CW, Po = 5.0 mW
1 480
1 500
nm
Side Mode Suppression Ratio
SMSR
Po = 5.0 mW
30
40
dB
Rise Time
tr
Ib = Ith, 20-80%
100
ps
Fall Time
tf
Ib = Ith, 80-20%
150
ps
Monitor Current
Im
VR = 1.5 V, Po = 5.0 mW
200
600
2 000
μ
A
Monitor Dark Current
ID
VR = 1.5 V, TC = 25°C
0.1
10
nA
VR = 1.5 V
10
100
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
09/27/2004
ηd
(@85ºC)
ηd
(@25ºC)


Similar Part No. - NX6406

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6406 RENESAS-NX6406 Datasheet
245Kb / 9P
   LASER DIODE
2004
NX6406GH RENESAS-NX6406GH Datasheet
245Kb / 9P
   LASER DIODE
2004
NX6406GK RENESAS-NX6406GK Datasheet
245Kb / 9P
   LASER DIODE
2004
More results

Similar Description - NX6406

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5311S CEL-NX5311S Datasheet
161Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX5311 CEL-NX5311 Datasheet
160Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com