Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T8016C3M-TF55 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T8016C3M-TF55
Description  512Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T8016C3M-TF55 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6T8016C3M-TF55 Datasheet HTML 1Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 2Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 3Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 4Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 5Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 6Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 7Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 8Page - Samsung semiconductor K6T8016C3M-TF55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6T8016C3M Family
Revision 1.01
April 2000
8
CMOS SRAM
Address
CS
Data Valid
UB, LB
WE
Data in
Data out
High-Z
High-Z
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB Controlled)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE goes low with asserting UB
or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest transi-
tion when CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS or WE going high.
tWC
tCW(2)
tBW
tWP(1)
tDH
tDW
tWR(4)
tAW
DATA RETENTION WAVE FORM
CS controlled
VCC
4.5V
2.2V
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
tAS(3)


Similar Part No. - K6T8016C3M-TF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M-B SAMSUNG-K6T8008C2M-B Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M-F SAMSUNG-K6T8008C2M-F Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M-RB55 SAMSUNG-K6T8008C2M-RB55 Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M-RB70 SAMSUNG-K6T8008C2M-RB70 Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - K6T8016C3M-TF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8016T3B SAMSUNG-K6X8016T3B Datasheet
128Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
K6X8016C3B SAMSUNG-K6X8016C3B Datasheet
130Kb / 9P
   512Kx16 bit Low Power Full CMOS Static RAM
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com