Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX5310 Datasheet(PDF) 5 Page - California Eastern Labs

Part No. NX5310
Description  NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5310 Datasheet(HTML) 5 Page - California Eastern Labs

  NX5310 Datasheet HTML 1Page - California Eastern Labs NX5310 Datasheet HTML 2Page - California Eastern Labs NX5310 Datasheet HTML 3Page - California Eastern Labs NX5310 Datasheet HTML 4Page - California Eastern Labs NX5310 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NX5312 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s 622 Mb/s 1.25 Gb/s APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX7301BA-CC NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1  2  3  4  California Eastern Labs
NX5315 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX6506 NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX5307 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION 1  2  3  4  5  More California Eastern Labs
NX7312UA NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS 1  2  3  4  California Eastern Labs
NX8303BG-CC NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION 1  2  3  4  California Eastern Labs
NX6406 NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX8560LJ NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS 1  2  3  4  5  More California Eastern Labs
NX7327BF-AA NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 110 mW MIN 1  2  3  4  California Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn