Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX5310 Datasheet(PDF) 2 Page - California Eastern Labs

Part No. NX5310
Description  NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5310 Datasheet(HTML) 2 Page - California Eastern Labs

  NX5310 Datasheet HTML 1Page - California Eastern Labs NX5310 Datasheet HTML 2Page - California Eastern Labs NX5310 Datasheet HTML 3Page - California Eastern Labs NX5310 Datasheet HTML 4Page - California Eastern Labs NX5310 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PACKAGE DIMENSIONS (Units in mm)
NX5310 SERIES
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5310EK
1 (Case)
2
3
4
LD
PD
NX5310EH
BOTTOM VIEW
1
2
3
4
1.0±0.1
Focal Point
Reference
Plane
0.3+0.1
-0.0
2.0
φ
4– 0.45
φ
5.6+0.00
-0.03
φ
4.2±0.1
φ
3.55±0.1
φ
1.5
φ
x = ±300 m
y = ±300 m
µ
µ


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NX5312 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s 622 Mb/s 1.25 Gb/s APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX7301BA-CC NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1  2  3  4  California Eastern Labs
NX5315 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX6506 NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX5307 NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s INTRA-OFFICE APPLICATION 1  2  3  4  5  More California Eastern Labs
NX7312UA NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS 1  2  3  4  California Eastern Labs
NX8303BG-CC NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION 1  2  3  4  California Eastern Labs
NX6406 NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1  2  3  4  5  California Eastern Labs
NX8560LJ NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS 1  2  3  4  5  More California Eastern Labs
NX7327BF-AA NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 110 mW MIN 1  2  3  4  California Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn