Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NR8500 Datasheet(PDF) 3 Page - California Eastern Labs

Part No. NR8500
Description  NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR8500 Datasheet(HTML) 3 Page - California Eastern Labs

  NR8500 Datasheet HTML 1Page - California Eastern Labs NR8500 Datasheet HTML 2Page - California Eastern Labs NR8500 Datasheet HTML 3Page - California Eastern Labs NR8500 Datasheet HTML 4Page - California Eastern Labs NR8500 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NR8500 Series
MULTIPLICATION FACTOR vs.
REVERSE VOLTAGE
Reverse Voltage, VR (V)
103
TC = 85°C
TC = 25°C
TC = 65°C
TC = -20°C
102
101
100
0
20406080
100
TEMPERATURE DEPENDENCE OF
DARK CURRENT and MULTIPLIED
DARK CURRENT
Frequency, f (GHz)
λ = 1310 nm
ID @ VR = 0.9 V(BR)R
IDM
10-6
10-7
10-8
10-9
10-10
10-11
-60
-40
-20
0
20
40
60
80
100
TYPICAL PERFORMANCE CURVES (TC = 25°C, unless otherwise specified)
λ = 1310 nm
RL = 50Ω
M = 8
0
1.0
2.0
3.0
4.0
5.0
110
100
10
1
0.1
2
1
0.5
0.2
0.1
1
2
5
10
20
50
100
0.5
0.4
1310 nm ( ), 1550 nm ( )
f = 35 MHz, B = 1 MHz
100
50
20
10
5
2
1
100
50
20
10
5
2
1
FREQUENCY RESPONSE
CUT-OFF FREQUENCY vs.
MULTIPLICATION FACTOR
TERMINAL CAPACITANCE vs.
REVERSE VOLTAGE
EXCESS NOISE FACTOR vs.
MULTIPLICATION FACTOR
Multiplication Factor, M
Multiplication Factor, M
Reverse Voltage, VR (V)
Operating Case Temperature, TC (ºC)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn