Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5510279A Datasheet(PDF) 4 Page - NEC

Part # NE5510279A
Description  3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE5510279A Datasheet(HTML) 4 Page - NEC

  NE5510279A Datasheet HTML 1Page - NEC NE5510279A Datasheet HTML 2Page - NEC NE5510279A Datasheet HTML 3Page - NEC NE5510279A Datasheet HTML 4Page - NEC NE5510279A Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NE5510279A
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.889
-149.7
8.66
99.8
0.019
14.6
0.854
-173.8
-0.50
26.6
0.2
0.872
-165.4
4.41
87.5
0.020
3.4
0.861
-177.7
-0.36
23.4
0.3
0.871
-170.9
2.91
82.0
0.020
-1.8
0.875
-178.6
-0.25
21.6
0.4
0.871
-173.7
2.13
76.1
0.019
-4.1
0.869
-179.6
-0.01
20.5
0.5
0.873
-175.6
1.69
71.5
0.019
-9.5
0.886
179.7
0.04
19.5
0.6
0.880
-176.9
1.37
67.7
0.018
-11.8
0.886
179.2
0.22
18.8
0.7
0.884
-177.9
1.17
63.9
0.016
-10.6
0.893
178.9
0.40
18.6
0.8
0.897
-179.1
0.99
60.5
0.016
-10.2
0.898
178.0
0.40
17.9
0.9
0.905
-179.9
0.87
56.3
0.014
-15.0
0.914
177.8
0.41
17.9
1.0
0.919
178.1
0.77
53.8
0.014
-7.8
0.928
176.0
0.16
17.4
1.1
0.930
175.9
0.69
48.8
0.012
-13.7
0.938
174.8
0.11
17.6
1.2
0.923
174.2
0.60
46.9
0.012
-11.0
0.927
172.9
0.59
17.0
1.3
0.919
172.9
0.54
42.6
0.010
-10.5
0.923
171.8
1.29
14.1
1.4
0.918
171.8
0.48
41.0
0.010
-4.7
0.922
170.6
1.62
12.2
1.5
0.918
170.6
0.44
37.6
0.011
-8.0
0.924
170.1
1.53
11.7
1.6
0.920
168.9
0.41
36.7
0.008
-5.5
0.927
168.7
2.46
10.4
1.7
0.918
167.5
0.36
33.6
0.008
4.3
0.922
167.9
3.27
8.5
1.8
0.927
166.2
0.35
30.9
0.009
12.5
0.935
165.9
1.95
10.3
1.9
0.922
164.1
0.31
28.2
0.007
20.9
0.932
164.9
3.67
7.9
2.0
0.923
162.6
0.30
27.8
0.007
32.4
0.942
163.0
3.08
8.6
2.1
0.928
159.9
0.26
25.2
0.007
48.5
0.928
161.8
4.46
6.2
2.2
0.926
158.6
0.25
23.2
0.006
36.8
0.938
160.0
4.89
6.3
2.3
0.929
156.6
0.22
20.0
0.008
50.0
0.935
157.6
4.01
5.4
2.4
0.925
154.5
0.22
18.0
0.009
45.1
0.945
156.2
3.01
6.2
2.5
0.928
152.2
0.20
18.1
0.007
61.4
0.941
154.5
4.77
4.8
2.6
0.933
150.4
0.20
17.2
0.009
56.3
0.938
152.5
3.43
5.2
2.7
0.930
148.4
0.16
15.0
0.011
70.0
0.933
150.3
4.13
2.5
2.8
0.929
146.2
0.17
11.1
0.013
59.4
0.952
148.1
2.01
5.4
2.9
0.931
144.4
0.16
11.6
0.013
74.0
0.937
146.9
3.01
3.2
3.0
0.933
142.6
0.15
10.0
0.014
67.5
0.950
145.0
2.10
4.3
NE5510279A
VD = 3.5 V, IDS = 400 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K –
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


Similar Part No. - NE5510279A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
   SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5510279A-T1 CEL-NE5510279A-T1 Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5510279A-T1 RENESAS-NE5510279A-T1 Datasheet
288Kb / 12P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE5510279A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
NEC
5510279A NEC-5510279A Datasheet
390Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510179A NEC-NE5510179A Datasheet
39Kb / 4P
   3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5500179A CEL-NE5500179A Datasheet
43Kb / 5P
   4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
NE5510179A CEL-NE5510179A Datasheet
42Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
NE552R479A-T1-A CEL-NE552R479A-T1-A Datasheet
605Kb / 7P
   3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
   3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com