Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTX26 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. MTX26
Description  Rectifier Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo 

MTX26 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20190101-P1
IT(AV)@TC
dv/dt
ITSM
外型
A
V
V
A
mA
mA
A
V/μS
VTO
rT
Rjc
Outline
350
300
400
500
80
85
85
600~1800
600~1800
600~1800
1.69
1.45
1.52
1.44
1500
1200
1050
900
40
40
50
40
180
180
200
200
3.0
3.0
2.5
3.0
150
800
800
800
800
9.30
11.0
12.0
16.0
0.85
0.95
0.80
0.80
0.75
0.49
0.36
0.091
0.090
0.080
0.065
Outline
MTX350
MTX400
MTX500
MTX400
1000
800
1000
1200
600~1600
600~1600
1.86
1.95
1.96
1.98
3000
3000
3000
2400
70
60
40
50
MTX300
800
600~1600
1.95
2400
40
VDRM/VRRM
VTM@ITM
IDRNIRRM IGT
VGT
mA
dv/dt
A/μS
A×103 mΩ ℃/W
IH
Tjm
viso
V(A.C)
MTX500
MTX600
MTX1000
MTX1000
MTX800
MTX800
MTX1200
500
85
55
55
85
85
55
55
55
85
1900~3000
1.90
1.90
1.90
1800
1500
1200
40
40
40
200
200
200
200
200
200
200
200
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
150
200
200
200
200
200
200
200
200
200
200
800
800
800
800
800
800
800
800
100
100
100
100
100
100
100
100
100
100
100
100
A×103
8.50
11.0
13.0
20.0
16.0
16.0
20.0
24.0
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.53
0.42
0.34
0.64
0.42
0.33
0.29
0.34
0.110
0.073
0.054
0.053
0.087
0.054
0.052
0.051
125
125
125
125
125
125
125
125
125
125
125
125
3600
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
2500
Type
400
600~1800
600~1800
600~1600
600~1600
600~1600
型号栏中MTX表示MTC,MTX,MTA,MTK,MT中的任意一种, MTX由MTC外加连接片构成
水冷模块 water-cooling
Rectifier Diode Modules


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn