Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTX26 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. MTX26
Description  Rectifier Diode Modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo 

MTX26 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rectifier Diode Modules
Features
Electrical insulation between the chip and base.
International standard packaging.
Forced air cooling is for modules of 350A or less than 350A and caneither
air cooling and water cooling for modules of 400A or more than it.
IT(AV)@TC
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20190101-P1
dv/dt
ITSM
外型
A
V
V
A
mA
mA
A
V/μS
VTO
rT
Rjc
Outline
40
26
55
55
85
85
80
600~1800
600~1800
600~1800
600~1800
1.69
1.60
1.50
1.96
120
170
120
80
10
8
8
8
100
100
150
100
3.0
2.5
2.5
2.5
150
800
800
800
800
0.55
1.00
1.25
1.15
0.85
0.85
0.85
0.90
9.68
3.47
5.57
0.950
0.650
0.530
0.640
90
Outline
MTX40
MTX55
MTX55
MTX70
110
110
135
135
600~1600
600~1600
1.69
1.90
1.75
1.96
410
410
330
330
22
10
12
20
MTX160
MTX26
90
160
160
600~1600
600~1600
1.92
1.70
1.90
270
480
480
15
20
25
Total pressure structure,good ability of temperature characteristic and
power cycle.
Sinple installation,conveninent use and maintencance.
Small volume,light weight.
VDRM/VRRM
VTM@ITM
IDRNIRRM IGT
VGT
mA
dv/dt
A/μS
A×103 mΩ ℃/W
IH
Tjm
viso
V(A.C)
MTX70
MTX90
MTX135
MTX110
MTX90
MTX110
MTX135
MTX160
182
200
600~1600
1.80
1.65
600
550
30
30
MTX250
200
250
600~1600
600~1600
1.90
1.57
600
750
35
30
MTX182
MTX200
MTX200
MTX182
MTX250
300
600~1600
1.58
900
40
MTX300
70
70
182
250
85
85
85
85
85
85
85
85
85
85
80
80
80
80
80
80
80
80
1900~3000
1900~3000
1900~3000
1900~3000
1900~3000
1900~3000
1900~3000
1900~3000
1900~3000
1.48
1.93
1.70
1.62
1.73
270
210
210
550
750
12
10
10
25
40
100
100
100
100
150
150
150
150
150
150
150
150
180
180
180
180
180
2.5
2.0
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
2.5
2.5
3.0
3.0
3.0
3.0
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
50
50
50
50
50
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
A×103
1.60
1.60
2.00
2.40
2.00
2.40
2.00
3.80
5.80
5.40
5.40
5.80
7.20
8.50
7.20
8.50
9.30
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.90
0.90
0.90
0.90
0.90
0.90
0.90
0.90
2.64
3.01
2.29
2.85
1.69
1.26
1.27
0.85
0.72
4.64
3.26
2.61
2.26
1.79
1.40
1.43
0.93
5.85
0.410
0.280
0.250
0.350
0.170
0.160
0.140
0.120
0.100
0.450
0.280
0.250
0.200
0.170
0.160
0.140
0.120
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
125
2500
3600
2500
2500
3600
2500
3600
2500
3600
2500
3600
2500
3600
2500
3600
2500
3600
2500
3600
2500
2500
Type


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn