Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE663M04 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE663M04
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE663M04 Datasheet(HTML) 4 Page - California Eastern Labs

  NE663M04 Datasheet HTML 1Page - California Eastern Labs NE663M04 Datasheet HTML 2Page - California Eastern Labs NE663M04 Datasheet HTML 3Page - California Eastern Labs NE663M04 Datasheet HTML 4Page - California Eastern Labs NE663M04 Datasheet HTML 5Page - California Eastern Labs NE663M04 Datasheet HTML 6Page - California Eastern Labs NE663M04 Datasheet HTML 7Page - California Eastern Labs NE663M04 Datasheet HTML 8Page - California Eastern Labs NE663M04 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE663M04
Frequency, f (GHz)
MAXIMUM STABLE GAIN, INSERTION POWER GAIN,
MAXIMUM AVAILABLE GAIN vs. FREQUENCY
VCE = 2 V
IC = 50 mA
40
35
20
25
30
5
10
15
0
0.1
1.0
10.0
MAG
MSG
|S21e|
2
VCE = 2 V
f = 1 GHz
25
20
15
10
5
0
-5
150
25
50
75
125
100
0
-15
0
-5
-10
5
10
15
Pout
IC
OUTPUT POWER COLLECTOR
CURRENT vs. INPUT POWER
Input Power Pin (dBm)
Collector Current, lC (mA)
MAXIMUM STABLE GAIN, INSERTION POWER GAIN,
MAXIMUM AVAILABLE GAIN vs. COLLECTOR CURRENT
MAG
30
25
20
15
10
5
0
1
10
100
MAG/MSG (dB) = 2.0 GHz
S21 (dB) = 2.0 GHz
VCE = 2V
f = 2 GHz
Collector Current, IC (mA)
MAXIMUM STABLE GAIN, INSERTION POWER GAIN,
MAXIMUM AVAILABLE GAIN vs. COLLECTOR CURRENT
VCE = 2 V
f = 1 GHz
30
15
20
25
10
5
0
110
100
MAG
MSG
|S21e|
2
VCE = 2 V
f = 2 GHz
25
20
15
10
5
0
-5
150
25
50
75
125
100
0
-15
0
-5
-10
5
10
15
Pout
IC
OUTPUT POWER COLLECTOR
CURRENT vs. INPUT POWER
Input Power Pin (dBm)


Similar Part No. - NE663M04

ManufacturerPart #DatasheetDescription
logo
NEC
NE661M04 NEC-NE661M04 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04 CEL-NE661M04 Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE661M04-T2 NEC-NE661M04-T2 Datasheet
70Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
California Eastern Labs
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
227Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE663M04

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com