Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7894 Datasheet(PDF) 5 Page - NEC

Part # MC-7894
Description  1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-7894 Datasheet(HTML) 5 Page - NEC

  MC-7894 Datasheet HTML 1Page - NEC MC-7894 Datasheet HTML 2Page - NEC MC-7894 Datasheet HTML 3Page - NEC MC-7894 Datasheet HTML 4Page - NEC MC-7894 Datasheet HTML 5Page - NEC MC-7894 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Product Information
5
MC-7894
M8E 00. 4 - 0110
The information in this document is current as of June, 2004. The information is subject to change
without notice.
For actual design-in, refer to the latest publications of NEC's data sheets or data
books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products
and/or types are available in every country.
Please check with an NEC sales representative for
availability and additional information.
No part of this document may be copied or reproduced in any form or by any means without prior
written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document.
NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of
third parties by or arising from the use of NEC semiconductor products listed in this document or any other
liability arising from the use of such products. No license, express, implied or otherwise, is granted under any
patents, copyrights or other intellectual property rights of NEC or others.
Descriptions of circuits, software and other related information in this document are provided for illustrative
purposes in semiconductor product operation and application examples. The incorporation of these
circuits, software and information in the design of customer's equipment shall be done under the full
responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third
parties arising from the use of these circuits, software and information.
While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers
agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely.
To minimize
risks of damage to property or injury (including death) to persons arising from defects in NEC
semiconductor products, customers must incorporate sufficient safety measures in their design, such as
redundancy, fire-containment, and anti-failure features.
NEC semiconductor products are classified into the following three quality grades:
"Standard", "Special" and "Specific".
The "Specific" quality grade applies only to semiconductor products
developed based on a customer-designated "quality assurance program" for a specific application.
The
recommended applications of a semiconductor product depend on its quality grade, as indicated below.
Customers must check the quality grade of each semiconductor product before using it in a particular
application.
"Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio
and visual equipment, home electronic appliances, machine tools, personal electronic equipment
and industrial robots
"Special":
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
"Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems and medical equipment for life support, etc.
The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's
data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not
intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness
to support a given application.
(Note)
(1) "NEC" as used in this statement means NEC Corporation, NEC Compound Semiconductor Devices, Ltd.
and also includes its majority-owned subsidiaries.
(2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for
NEC (as defined above).


Similar Part No. - MC-7894

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7894 CEL-MC-7894 Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7894 RENESAS-MC-7894 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7894-AZ CEL-MC-7894-AZ Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7894-AZ CEL-MC-7894-AZ Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
More results

Similar Description - MC-7894

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7893 CEL-MC-7893_06 Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7896 CEL-MC-7896 Datasheet
153Kb / 5P
   1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7891 CEL-MC-7891 Datasheet
855Kb / 5P
   1 GHz CATV 19 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2788 ANADIGICS-ACA2788 Datasheet
364Kb / 4P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com