Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1050033 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1050033
Description  Installation ground terminal block - PTB 2,5-PE/L/MT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1050033 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1050033 Datasheet HTML 2Page - PHOENIX CONTACT 1050033 Datasheet HTML 3Page - PHOENIX CONTACT 1050033 Datasheet HTML 4Page - PHOENIX CONTACT 1050033 Datasheet HTML 5Page - PHOENIX CONTACT 1050033 Datasheet HTML 6Page - PHOENIX CONTACT 1050033 Datasheet HTML 7Page - PHOENIX CONTACT 1050033 Datasheet HTML 8Page - PHOENIX CONTACT 1050033 Datasheet HTML 9Page - PHOENIX CONTACT 1050033 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210549
09/06/2016   Page 6 / 22
Installation ground terminal block - PTB 2,5-PE/L/MT - 3210549
Approvals
Approvals
EAC
Ex Approvals
Approval details
EAC   7500651.22.01.00246
Accessories
Accessories
DIN rail
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length:
2000 mm
 
 
DIN rail, unperforated - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
DIN rail perforated - NS 35/ 7,5 WH PERF 2000MM - 1204119
DIN rail 35 mm (NS 35)
 
 


Similar Part No. - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050033 PHOENIX-1050033 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
1050033 PHOENIX-1050033 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
1050033 PHOENIX-1050033 Datasheet
180Kb / 22P
   Multi-level terminal block - PT 2,5-PE/3L
1050033 PHOENIX-1050033 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
1050033 PHOENIX-1050033 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/L
More results

Similar Description - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210547 PHOENIX-3210547 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/L
3210545 PHOENIX-3210545 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
3210539 PHOENIX-3210539 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
3076029 PHOENIX-3076029 Datasheet
527Kb / 25P
   Installation ground terminal block - UTI 2,5-PE/L/L
3213949 PHOENIX-3213949 Datasheet
92Kb / 7P
   Installation ground terminal block - PTI 2,5-PE/L/L
3076032 PHOENIX-3076032 Datasheet
91Kb / 7P
   Installation ground terminal block - UTI 2,5-PE/L/NTB
3213950 PHOENIX-3213950 Datasheet
92Kb / 7P
   Installation ground terminal block - PTI 2,5-PE/L/N
3076030 PHOENIX-3076030 Datasheet
88Kb / 7P
   Installation ground terminal block - UTI 2,5-PE/L/N
3209044 PHOENIX-3209044 Datasheet
80Kb / 5P
   Installation ground terminal block - STIO 2,5/3-PE/B/L
3076040 PHOENIX-3076040 Datasheet
229Kb / 21P
   Installation ground terminal block - UTI 6-PE/L/L
10/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com