Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1050033 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1050033
Description  Installation ground terminal block - PTB 2,5-PE/L/MT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1050033 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1050033 Datasheet HTML 1Page - PHOENIX CONTACT 1050033 Datasheet HTML 2Page - PHOENIX CONTACT 1050033 Datasheet HTML 3Page - PHOENIX CONTACT 1050033 Datasheet HTML 4Page - PHOENIX CONTACT 1050033 Datasheet HTML 5Page - PHOENIX CONTACT 1050033 Datasheet HTML 6Page - PHOENIX CONTACT 1050033 Datasheet HTML 7Page - PHOENIX CONTACT 1050033 Datasheet HTML 8Page - PHOENIX CONTACT 1050033 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210549
09/06/2016   Page 5 / 22
Installation ground terminal block - PTB 2,5-PE/L/MT - 3210549
Technical data
Connection data
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
0.5 mm²
Stripping length
8 mm ... 10 mm
Standards and Regulations
Flammability rating according to UL 94
V0
Drawings
Circuit diagram
Classifications
eCl@ss
eCl@ss 4.0
27141121
eCl@ss 4.1
27141121
eCl@ss 5.0
27141120
eCl@ss 5.1
27141120
eCl@ss 6.0
27141120
eCl@ss 7.0
27141120
eCl@ss 8.0
27141125
eCl@ss 9.0
27141125
ETIM
ETIM 3.0
EC001329
ETIM 4.0
EC000901
ETIM 5.0
EC001329
UNSPSC
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals


Similar Part No. - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050033 PHOENIX-1050033 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
1050033 PHOENIX-1050033 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
1050033 PHOENIX-1050033 Datasheet
180Kb / 22P
   Multi-level terminal block - PT 2,5-PE/3L
1050033 PHOENIX-1050033 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
1050033 PHOENIX-1050033 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/L
More results

Similar Description - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210547 PHOENIX-3210547 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/L
3210545 PHOENIX-3210545 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
3210539 PHOENIX-3210539 Datasheet
182Kb / 20P
   Installation level terminal block - PTB 2,5-PE/L/TG
3076029 PHOENIX-3076029 Datasheet
527Kb / 25P
   Installation ground terminal block - UTI 2,5-PE/L/L
3213949 PHOENIX-3213949 Datasheet
92Kb / 7P
   Installation ground terminal block - PTI 2,5-PE/L/L
3076032 PHOENIX-3076032 Datasheet
91Kb / 7P
   Installation ground terminal block - UTI 2,5-PE/L/NTB
3213950 PHOENIX-3213950 Datasheet
92Kb / 7P
   Installation ground terminal block - PTI 2,5-PE/L/N
3076030 PHOENIX-3076030 Datasheet
88Kb / 7P
   Installation ground terminal block - UTI 2,5-PE/L/N
3209044 PHOENIX-3209044 Datasheet
80Kb / 5P
   Installation ground terminal block - STIO 2,5/3-PE/B/L
3076040 PHOENIX-3076040 Datasheet
229Kb / 21P
   Installation ground terminal block - UTI 6-PE/L/L
10/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com