Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLW010 Datasheet(PDF) 15 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics SMLW010 Datasheet HTML 10Page - Tyco Electronics SMLW010 Datasheet HTML 11Page - Tyco Electronics SMLW010 Datasheet HTML 12Page - Tyco Electronics SMLW010 Datasheet HTML 13Page - Tyco Electronics SMLW010 Datasheet HTML 14Page - Tyco Electronics SMLW010 Datasheet HTML 15Page - Tyco Electronics SMLW010 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Tyco Electronics Corp.
15
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Ordering Information
Table 6. Device Codes
Optional features may be ordered using the device code suffixes shown below. The feature suffixes are listed
numerically in descending order. Please contact yourTyco Electronics’ Account Manager or Field Application Engi-
neer for pricing and availability.
Table 7. Device Options
* Custom option. May not be available on all codes.
Input Voltage
Output Voltage
Output Current
Output Power
Device Code
Comcode
48 V
2.5 V
3 A
7.5 W
SMLW010G
108609744
48 V
5 V
2 A
10 W
SMLW010A
108520396
Option
Device Code Suffix
Synchronization*
3


Similar Part No. - SMLW010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMLW TSC-SMLW Datasheet
290Kb / 5P
   0.8A, 200V - 1000V Surface Mount Rectifier
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFAW ROHM-SMLW36WBFAW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFBW ROHM-SMLW36WBFBW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFCW ROHM-SMLW36WBFCW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
More results

Similar Description - SMLW010

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com