Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLW010 Datasheet(PDF) 9 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button SMLW010 Datasheet HTML 5Page - Tyco Electronics SMLW010 Datasheet HTML 6Page - Tyco Electronics SMLW010 Datasheet HTML 7Page - Tyco Electronics SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics SMLW010 Datasheet HTML 10Page - Tyco Electronics SMLW010 Datasheet HTML 11Page - Tyco Electronics SMLW010 Datasheet HTML 12Page - Tyco Electronics SMLW010 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tyco Electronics Corp.
9
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Feature Descriptions (continued)
Synchronization (Optional)
With external circuitry, the unit is capable of synchroni-
zation from an independent time base with a switching
rate equal to the nominal switching frequency shown in
the Output Specifications table. Other frequencies may
be available; please consult the factory for application
guidelines and/or a description of the external circuit
needed to use this feature.
Thermal Considerations
The power module operates in a variety of thermal
environments; however, sufficient cooling should be
provided to help ensure reliable operation of the unit.
Heat-dissipating components inside the unit are ther-
mally coupled to the case. Heat is removed by conduc-
tion, convection, and radiation to the surrounding
environment. Proper cooling can be verified by mea-
suring the case temperature. The case temperature
(TC) should be measured at the position indicated in
Figure 7.
8-1363e
Note: Dimensions are in millimeters and (inches). Pin locations are
for reference only.
Figure 7. SMLW Case Temperature
Measurement Location
Note that the view in Figure 7 is of the surface of the
module. The temperature at this location should not
exceed the maximum case temperature indicated on
the derating curves. The output power of the module
should not exceed the rated power for the module as
listed in the Ordering Information table.
Heat Transfer Characteristics
Increasing airflow over the module enhances the heat
transfer via convection. Figure 8 shows the maximum
power that can be dissipated by the module without
exceeding the maximum case temperature versus local
ambient temperature (TA) for natural convection
through 3.0 ms–1 (600 ft./min.).
Systems in which these power modules are used typi-
cally generate natural convection airflow rates of
0.25 ms–1 (50 ft./min.) due to other heat-dissipating
components in the system. Therefore, the natural con-
vection condition represents airflow rates of approxi-
mately 0.25 ms–1 (50 ft./min.). Use of Figure 8 is shown
in the following example.
Example
What is the minimum airflow necessary for an
SMLW010A operating at VI = 48 V, an output current of
1.6 A, and a maximum ambient temperature of 86 °C?
Solution
Given: VI = 48 V, IO = 1.6 A (IO, max), TA = 86 °C
Determine PD (Figure 9): PD = 2.1 W
Determine airflow (Figure 8): v = 1 ms–1 (200 ft./min.)
SMLW010A
DC-DC Power Module
IN:DC 36-75V, 0.6A OUT:DC 5V, 2A
1
24 (0.94)
11
(0.45)


Similar Part No. - SMLW010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMLW TSC-SMLW Datasheet
290Kb / 5P
   0.8A, 200V - 1000V Surface Mount Rectifier
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFAW ROHM-SMLW36WBFAW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFBW ROHM-SMLW36WBFBW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
SMLW36WBFCW ROHM-SMLW36WBFCW Datasheet
1Mb / 3P
   High heat dissipation, high efficiency white LEDs
More results

Similar Description - SMLW010

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
   CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com