Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350G-250AXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1350G-250AXI
Description  4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-250AXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1350G-250AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1350G-250AXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PRELIMINARY
CY7C1350G
Document #: 38-05524 Rev. *A
Page 10 of 15
Switching Waveforms
Read/Write Timing[19, 20, 21]
Notes:
19. For this waveform ZZ is tied LOW.
20. When CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
21. Order of the Burst sequence is determined by the status of the MODE (0 = Linear, 1 = Interleaved). Burst operations are optional.
WRITE
D(A1)
123
456789
CLK
t CYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:D]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
Data
In-Out (DQ)
tCLZ
D(A1)
D(A2)
D(A5)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCO
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
tDOH
DON’T CARE
UNDEFINED
Q(A6)
Q(A4+1)


Similar Part No. - CY7C1350G-250AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-250AXI CYPRESS-CY7C1350G-250AXI Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-250AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com