Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1050033 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 1050033
Description  Multi-level terminal block - PT 2,5-PE/3L
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1050033 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 1050033 Datasheet HTML 14Page - PHOENIX CONTACT 1050033 Datasheet HTML 15Page - PHOENIX CONTACT 1050033 Datasheet HTML 16Page - PHOENIX CONTACT 1050033 Datasheet HTML 17Page - PHOENIX CONTACT 1050033 Datasheet HTML 18Page - PHOENIX CONTACT 1050033 Datasheet HTML 19Page - PHOENIX CONTACT 1050033 Datasheet HTML 20Page - PHOENIX CONTACT 1050033 Datasheet HTML 21Page - PHOENIX CONTACT 1050033 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
https://www.phoenixcontact.com/us/products/3210542
09/08/2016   Page 19 / 22
Multi-level terminal block - PT 2,5-PE/3L - 3210542
Accessories
Zack marker strip - ZB 5 :UNBEDRUCKT - 1050004
Zack marker strip, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap into tall marker groove, for
terminal block width: 5.2 mm, Lettering field: 5.1 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 5 - 0818108
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, Mounting
type: Snap into tall marker groove, for terminal block width: 5.2 mm, Lettering field: 10.5 x 4.6 mm
 
 
Marker for terminal blocks - UCT-TM 5 - 0828734
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK CARD, BLUEMARK CLED,
BLUEMARK LED, TOPMARK LASER, THERMOMARK PRIME, Mounting type: Snap into tall marker groove, for terminal
block width: 5.2 mm, Lettering field: 4.6 x 10.5 mm
 
 
Zack Marker strip, flat - ZBF 5:UNBEDRUCKT - 0808642
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: Plotter, Mounting type: Snap into flat marker groove,
for terminal block width: 5 mm, Lettering field: 5.1 x 5.2 mm
 
 
Marker for terminal blocks - UC-TMF 5 - 0818153
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, Plotter,
Mounting type: Snap into flat marker groove, for terminal block width: 5.2 mm, Lettering field: 4.6 x 5.1 mm
 
 


Similar Part No. - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050033 PHOENIX-1050033 Datasheet
180Kb / 22P
   Ground modular terminal block - PT 2,5-QUATTRO-PE BK
1050033 PHOENIX-1050033 Datasheet
203Kb / 26P
   Knife disconnect terminal block - PT 2,5-MTB
1050033 PHOENIX-1050033 Datasheet
195Kb / 25P
   Installation ground terminal block - PTB 2,5-PE/L/NTG
1050033 PHOENIX-1050033 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/L
1050033 PHOENIX-1050033 Datasheet
178Kb / 22P
   Installation ground terminal block - PTB 2,5-PE/L/MT
More results

Similar Description - 1050033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3214259 PHOENIX-3214259 Datasheet
90Kb / 8P
   Multi-level terminal block - UT 2,5-3L
3213713 PHOENIX-3213713 Datasheet
69Kb / 6P
   Multi-level terminal block - PT 1,5/S-3L
3002389 PHOENIX-3002389 Datasheet
74Kb / 4P
   Multi-level terminal block - UT 2,5-3L BU
3213726 PHOENIX-3213726 Datasheet
166Kb / 17P
   Multi-level terminal block - PT 1,5/S-3L BU
3000716 PHOENIX-3000716 Datasheet
758Kb / 25P
   Multi-level terminal block - PT 2,5-3PV BU
3038833 PHOENIX-3038833 Datasheet
78Kb / 5P
   Multi-level terminal block - ST 2,5-PE/2PV
3214288 PHOENIX-3214288 Datasheet
90Kb / 8P
   Multi-level terminal block - UT 2,5-3L-LA24RD/O-M
3036043 PHOENIX-3036043 Datasheet
126Kb / 13P
   Multi-level terminal block - ST 2,5-3L-DIO/M-O
3214301 PHOENIX-3214301 Datasheet
86Kb / 7P
   Multi-level terminal block - UT 2,5-PE/L/L
3214291 PHOENIX-3214291 Datasheet
86Kb / 7P
   Multi-level terminal block - UT 2,5-PE/L/N
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com