Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGW20NC60VD Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STGW20NC60VD
Description  N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20NC60VD Datasheet(HTML) 1 Page - STMicroelectronics

  STGW20NC60VD Datasheet HTML 1Page - STMicroelectronics STGW20NC60VD Datasheet HTML 2Page - STMicroelectronics STGW20NC60VD Datasheet HTML 3Page - STMicroelectronics STGW20NC60VD Datasheet HTML 4Page - STMicroelectronics STGW20NC60VD Datasheet HTML 5Page - STMicroelectronics STGW20NC60VD Datasheet HTML 6Page - STMicroelectronics STGW20NC60VD Datasheet HTML 7Page - STMicroelectronics STGW20NC60VD Datasheet HTML 8Page - STMicroelectronics STGW20NC60VD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2004
STGW20NC60VD
N-CHANNEL 30A - 600V TO-247
Very Fast PowerMESH™ IGBT
Table 1: General Features
s
OFF LOSSES INCLUDE TAIL CURRENT
s
LOSSES INCLUDE DIODE RECOVERY
ENERGY
s
HIGH CURRENT CAPABILITY
s
HIGH FREQUENCY OPERATION UP TO 50
KHz
s
VERY SOFT ULTRA FAST RECOVERY
ANTIPARALLEL DIODE
s
LOWER CRES /CIES RATIO
s
NEW GENERATION PRODUCTS WITH
TIGHTER PARAMETER DISTRIBUTION
DESCRIPTION
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the Pow-
erMESHIGBTs, with outstanding performances.
The suffix “V” identifies a family optimized for high
frequency applications.
APPLICATIONS
s
HIGH FREQUENCY INVERTERS
s
SMPS and PFC IN BOTH HARD SWITCH AND
RESONANT TOPOLOGIES
s
UPS
s
MOTOR DRIVERS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGW20NC60VD
600 V
< 2.5 V
30 A
1
2
3
TO-247
Weight: 4.41gr ± 0.01
Max Clip Pressure: 150 N/mm2
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGW20NC60VD
GW20NC60VD
TO-247
TUBE
Rev. 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn