Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGW20NC60VD Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STGW20NC60VD
Description  N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20NC60VD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW20NC60VD Datasheet HTML 2Page - STMicroelectronics STGW20NC60VD Datasheet HTML 3Page - STMicroelectronics STGW20NC60VD Datasheet HTML 4Page - STMicroelectronics STGW20NC60VD Datasheet HTML 5Page - STMicroelectronics STGW20NC60VD Datasheet HTML 6Page - STMicroelectronics STGW20NC60VD Datasheet HTML 7Page - STMicroelectronics STGW20NC60VD Datasheet HTML 8Page - STMicroelectronics STGW20NC60VD Datasheet HTML 9Page - STMicroelectronics STGW20NC60VD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STGW20NC60VD
6/11
Figure 9: Normalized Breakdown Voltage vs
Temperature
Figure 10: Capacitance Variations
Figure 11: Total Switching Losses vs Gate Re-
sistance
Figure 12: Gate Charge vs Gate-Emitter Volt-
age
Figure 13: Total Switching Losses vs Temper-
ature
Figure 14: Total Switching Losses vs Collector
Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn