Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75130 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN75130
Description  QUADRUPLE LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN75130 Datasheet(HTML) 3 Page - Texas Instruments

  SN75130 Datasheet HTML 1Page - Texas Instruments SN75130 Datasheet HTML 2Page - Texas Instruments SN75130 Datasheet HTML 3Page - Texas Instruments SN75130 Datasheet HTML 4Page - Texas Instruments SN75130 Datasheet HTML 5Page - Texas Instruments SN75130 Datasheet HTML 6Page - Texas Instruments SN75130 Datasheet HTML 7Page - Texas Instruments SN75130 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN75130
QUADRUPLE LINE DRIVER
SLLS077B – FEBRUARY 1990 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
F Output
VCC
GND
GND
W Output
VCC
TYPICAL OF F OUTPUT
TYPICAL OF ALL W OUTPUTS
20 k
Ω NOM
GND
Y Output
VCC
TYPICAL OF ALL Y OUTPUTS
EQUIVALENT OF EACH INPUT
A Inputs: R(eq) – 20 kΩ NOM
G Inputs: R(eq) – 10 kΩ NOM
R(eq) = equivalent resistor
R(eq)
GND
Input
VCC
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn