Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75130 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75130
Description  QUADRUPLE LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75130 Datasheet(HTML) 1 Page - Texas Instruments

  SN75130 Datasheet HTML 1Page - Texas Instruments SN75130 Datasheet HTML 2Page - Texas Instruments SN75130 Datasheet HTML 3Page - Texas Instruments SN75130 Datasheet HTML 4Page - Texas Instruments SN75130 Datasheet HTML 5Page - Texas Instruments SN75130 Datasheet HTML 6Page - Texas Instruments SN75130 Datasheet HTML 7Page - Texas Instruments SN75130 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75130
QUADRUPLE LINE DRIVER
SLLS077B – FEBRUARY 1990 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of IBM
360/370 Input/Output Interface
Specification GA22-6974-3
D Minimum Output Voltage of 3.11 V
at IOH = –59.3 mA
D Fault-Flag Circuit Output Signals Driver
Output Fault
D Fault-Detection Current-Limit Circuit
Minimizes Power Dissipation During a
Fault Condition
D Common Enable and Common Fault Flag
D Designed to Be an Improved Replacement
for the MC3485
description
The SN75130 quadruple line driver is designed to meet the IBM 360/370 I/O specification GA22-6974-3. The
output voltage is 3.11 V minimum (at IOH = –59.3 mA) over the recommended ranges of supply voltage (4.5 V
to 5.95 V) and temperature (0
°C to 70°C). Driver outputs use a fault-detection current-limit circuit to allow high
drive current but still minimize power dissipation when the output is shorted to ground. The SN75130 is
compatible with standard TTL logic and supply voltages.
Fault-flag circuitry is designed to sense and signal a line short on any Y line. Upon detecting an output fault
condition, the fault-flag circuit forces the driver output into the off (low) state and signals a fault condition by
causing the fault-flag output to go low.
The SN75130 can drive a 50-
Ω load or a 90-Ω load as used in many I/O systems. Optimum performance can
be achieved when the device is used with either the SN75128 or SN75129 line receiver. Also, see the SN751730
for new 360/370 interface designs.
The SN75130 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUTS
G†
A
Y
F
W
L
X
L
H
H
X
LL
HH
H
HH
HL
H
H
S
L
H
H = high level, L = low level, X = irrelevant,
S = shorted to ground
† G and F are common to the four drivers.
If any of the four Y outputs is shorted, the
fault flag responds.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1Y
1W
1A
G
2A
2W
2Y
GND
VCC
4Y
4W
4A
F
3A
3W
3Y
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75130

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN75130 TI1-SN75130 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130D TI1-SN75130D Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130N TI1-SN75130N Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results

Similar Description - SN75130

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com