Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75130 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN75130
Description  QUADRUPLE LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75130 Datasheet(HTML) 4 Page - Texas Instruments

  SN75130 Datasheet HTML 1Page - Texas Instruments SN75130 Datasheet HTML 2Page - Texas Instruments SN75130 Datasheet HTML 3Page - Texas Instruments SN75130 Datasheet HTML 4Page - Texas Instruments SN75130 Datasheet HTML 5Page - Texas Instruments SN75130 Datasheet HTML 6Page - Texas Instruments SN75130 Datasheet HTML 7Page - Texas Instruments SN75130 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN75130
QUADRUPLE LINE DRIVER
SLLS077B – FEBRUARY 1990 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N
1150 mW
9.2 mW/
°C
736 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.95
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
High-level output current, IOH
– 59.3
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input clamp voltage
A,G
II = – 18 mA
– 1.5
V
Y
VCC = 4.5 V,
IOH = – 59.3 mA,
VIH = 2 V
3.11
VOH
High-level output voltage
Y
VCC = 5.25 V,
IOH = – 41 mA,
VIH = 2 V
3.9
V
W
VCC = 4.5 V,
IOH = – 400 µA,
VIH = 2 V
2.5
Y
VCC = 5.5 V,
IOL = – 240 µA,
VIL = 0.8 V
0.15
VOL
Low level output voltage
Y
VCC = 5.95 V,
IOL = – 1 mA,
VIL = 0.8 V
0.15
V
VOL
Low-level output voltage
F
VCC = 4.5 V,
IOL = 8 mA,
Y at 0 V
0.5
V
W
VCC = 4.5 V,
IOL = 8 mA
0.5
IO( ff)
Off state output current
Y
VCC = 4.5 V,
VIL = 0,
VO = 3.11 V
100
µA
IO(off)
Off-state output current
Y
VCC = 0,
VIL = 0,
VO = 3.11 V
200
µA
IOH
High-level output current
F
VCC = 5.95 V,
VOH = 5.95 V
100
µA
II
Input current
A
VCC =4 5V
VIH =5 5V
100
µA
II
Input current
G
VCC = 4.5 V,
VIH = 5.5 V
400
µA
IIH
High level input current
A
VCC =4 5V
VIH =2 7V
20
µA
IIH
High-level input current
G
VCC = 4.5 V,
VIH = 2.7 V
80
µA
IIL
Low level input current
A
VCC = 5 95 V
VIL =0 4V
250
IIL
Low-level input current
G
VCC = 5.95 V,
VIL = 0.4 V
– 1000
µA
Y
VCC =5 5V
VO =0
–5
IOS
Short circuit output current
W
VCC = 5.5 V,
VO = 0
–15
– 100
IOS
Short-circuit output current
Y
VCC = 5 95 V
VO =0
–5
mA
W
VCC = 5.95 V,
VO = 0
–15
–110
ICCH
Supply current all outputs high
VCC = 5.5 V,
VI = 2 V
75
mA
ICCH
Supply current, all outputs high
VCC = 5.95 V,
VI = 2 V
85
mA
ICCL
Supply current Y outputs low
VCC = 5.5 V,
VI = 0.8 V
55
mA
ICCL
Supply current, Y outputs low
VCC = 5.95 V,
VI = 0.8 V
70
mA


Similar Part No. - SN75130

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75130 TI1-SN75130 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130D TI1-SN75130D Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130N TI1-SN75130N Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results

Similar Description - SN75130

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz