Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9117 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI9117
Description  High-Frequency Converter for Telecom Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9117 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI9117 Datasheet HTML 6Page - Vishay Siliconix SI9117 Datasheet HTML 7Page - Vishay Siliconix SI9117 Datasheet HTML 8Page - Vishay Siliconix SI9117 Datasheet HTML 9Page - Vishay Siliconix SI9117 Datasheet HTML 10Page - Vishay Siliconix SI9117 Datasheet HTML 11Page - Vishay Siliconix SI9117 Datasheet HTML 12Page - Vishay Siliconix SI9117 Datasheet HTML 13Page - Vishay Siliconix SI9117 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Si9117
Vishay Siliconix
www.vishay.com
10
Document Number: 70027
S-40750—Rev. E, 19-Apr-04
Feedback
Comparator
UV-low
VREF
4.6 V
20 mA
CSS
Error Amp
FIGURE 4. Soft-Start
Oscillator
The oscillator circuit uses external timing components RT and
CT. An internal divide-by-two prevents pulses with greater than
50% duty cycle, so that core saturation can be avoided. When
the RT terminal is connected to VCC, comparator C2
disconnects the oscillator output from the SYNC terminal using
SW1, and allows an external oscillator circuit to take control of
the current mode comparator circuit.
The current programmed by RT defines the charging current of
CT and the on and off times with the following design
equations:
TON +
1.025 x RT xCT
8
TOFF + 5x Rql xCT
FOSC +
1
2 x
1
TON ) TOFF
(1)
(2)
(3)
where Rql = 25 W
Actual values taken from a prototype board have been
plotted (Figure 6), and are a close match (except for 47 pF,
where stray parasitics have a more significant effect).
In certain circumstances, such as current limiting, it may be
desirable to change the frequency of the converter for a period
of time to overcome current tails (see Figure 14 for further
explanation). With the Si9117, this is easily done by adding or
subtracting some current into the RT terminal:
D The charging current in CT is set by 8
RT.
D The voltage at the RT terminal is 4 V, as supplied by an inter-
nal emitter follower from the reference.
The frequency can be changed easily by supplying some of
the current into RT from the VCC rail, thus “starving” the
internal current source, and slowing the frequency down.
(See Figure 7.)
I1
C1
VREF
C2
I2
Q2
B1
B2
B3
SW1
Q1
CT
RT
U1
DQ
Q
CLK
SYNC
FIGURE 5. Oscillator


Similar Part No. - SI9117

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110 VISHAY-SI9110 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
SI9110/9111 VISHAY-SI9110/9111 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110DJ VISHAY-SI9110DJ Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9110DJ VISHAY-SI9110DJ Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
More results

Similar Description - SI9117

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
XFMRS Inc.
XF0063-01 XFMRS-XF0063-01 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
logo
Rhombus Industries Inc.
F-1400 RHOMBUS-IND-F-1400 Datasheet
47Kb / 1P
   Common Mode Chokes for Telecom Applications
logo
PCA ELECTRONICS INC.
EPZ3022G PCA-EPZ3022G Datasheet
36Kb / 1P
   Common Mode Choke for Telecom Applications
logo
XFMRS Inc.
1013 XFMRS-1013 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
logo
KOA Speer Electronics, ...
KL731JTTE8N2G KOA-KL731JTTE8N2G Datasheet
545Kb / 4P
   Excellent for high frequency applications
logo
Power Integrations, Inc...
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com