Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

96286530 Datasheet(PDF) 1 Page - Adels-Contact

Part No. 96286530
Description  AC 166 ALCGS/515 300 H05Z1Z1 black
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADELS [Adels-Contact]
Homepage  https://www.adels-contact.com/
Logo 

96286530 Datasheet(HTML) 1 Page - Adels-Contact

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26/11/2019
Connectors System AC 166®
Cord Set
AC 166 ALCGS/515 300 H05Z1Z1 black
Extension Cable Plug, 5 pole, black, Coding: 1 (Mains), Cable
Type: H05Z1Z1-F, Core Cross-Section: 1.5 mm², Fire Class: Eca,
Length: 3.00 m, Voltage Rating: 250/400 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
96286530
Applications
Lighting, Installation, Electrical Appliances
PU
20
EAN
4028012115914
Type
Type
Extension Cable Plug
Number of poles
5 pole
Colour
black
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250/400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Stripping Length
9.0 mm
Dismantling Length PE
52.0 mm
Dismantling Length
45.0 mm
Cable Type
H05Z1Z1-F
Core Cross-Section
1.5 mm²
Fire Class
Eca
Length
3.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn